|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
INTEGRATED CIRCUITS DATA SHEET TEA0679T I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications Product specification Supersedes data of 1998 Jun 24 File under Integrated Circuits, IC01 1998 Nov 12 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications FEATURES * Dual Noise Reduction (NR) channels * Head preamplifiers * Reverse head switching * Automatic Music Search (AMS) * Blank skip * Mute position * Equalization with electronically switched time constants * Switch functions and level adjustment controlled via I2C-bus * Optional switch inputs TTL compatible * Dolby reference level = 387.5 mV * Contained in a 32-pin small outline package * Improved EMC behaviour. GENERAL DESCRIPTION The TEA0679T is a bipolar integrated circuit that provides two channels of Dolby B noise reduction for playback applications in car radios. It includes head and equalization amplifiers with electronically switchable time constants. The device also includes electronically switchable inputs for tape drivers with reverse heads. This device detects pauses of music in the Automatic Music Search (AMS) scan mode (for applications with an intelligent controlled tape driver) or AMS latch mode (for applications with a simple controlled tape driver). QUICK REFERENCE DATA SYMBOL VCC ICC S+N ------------N supply voltage supply current signal plus noise-to-noise ratio PARAMETER - 78 MIN. 7.6 - 35 84 TYP. TEA0679T For both modes the delay time can be fixed by using an external resistor. In the blank skip mode the IC can detect pauses of music during playback and allows a microcontroller to react on this situation. The equalization amplifier gain adjustment, the output offset adjustment and all switching functions are I2C-bus controlled. Head switching and equalization time constant switching can be controlled via separate pins (optional). The device operates with power supplies from 7.6 to 12 V. The output overload level increases with increases in supply voltage. Current drain varies with the following variables: * Supply voltage * Noise reduction on/off * AMS on/off. Because of this current drain variation it is advisable to use a regulated power supply or a supply with a long time constant. MAX. 12 40 - UNIT V mA dB ORDERING INFORMATION TYPE NUMBER TEA0679T PACKAGE NAME SO32 DESCRIPTION plastic small outline package; 32 leads; body width 7.5 mm VERSION SOT287-1 Remark Dolby*: Available only to licensees of Dolby Laboratories Licensing Corporation, San Francisco, CA94111, USA, from whom licensing and application information must be obtained. Dolby is a registered trade-mark of Dolby Laboratories Licensing Corporation. 1998 Nov 12 2 This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... 1998 Nov 12 output B BEN 32 SDA 31 SCL 30 29 I2C-BUS BLOCK DIAGRAM Philips Semiconductors handbook, full pagewidth I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications 10 F 2.7 k 10 F 390 k 330 nF (10%) 100 nF (10%) 180 k (10%) CONTRB 25 HPB 24 SCB 23 15 nF (5%) 4.7 nF (5%) 24 k (2%) 8.2 nF 5.6 k EQB 22 EQFB 21 AGND 20 INB1 19 470 pF HS (opt) HS 18 INB2 17 470 pF 270 k (10%) DGND AMS 28 OUTB 27 INTB 26 DOLBY B EQ AMP PRE AMP MUTE LATCH AND RISE TIME AMS PROCESSOR BLANK SKIP LOGIC POWER SUPPLY TEA0679T 3 DELAY TIME LEVEL DETECTOR DOLBY B 1 MAD 2 BSC 3 TD Rt (ref) 220 nF 4 BTC 5 EQS 6 OUTA 7 INTA 270 k (10%) 330 nF (10%) 8 CONTRA 180 k (10%) 100 nF (10%) 15 nF (5%) 9 HPA 10 SCA EQS (opt) 47 nF 10 F output A EQ AMP PRE AMP 11 EQA 24 k (2%) 5.6 k 8.2 nF 390 k 12 EQFA 13 VCC INA1 14 15 Vref 100 F 16 INA2 4.7 nF (5%) 470 pF 10 F 470 pF Product specification TEA0679T 2.7 k MHB117 Fig.1 Block and application diagram. Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications PINNING SYMBOL MAD BSC TD BTC EQS OUTA INTA CONTRA HPA SCA EQA EQFA VCC INA1 Vref INA2 INB2 HS INB1 AGND EQFB EQB SCB HPB CONTRB INTB OUTB AMS DGND SCL SDA BEN PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 DESCRIPTION programmable address bit blank skip reference capacitance delay time constant blank skip integration capacitance equalization switch input (optional) output channel A integrating filter channel A control voltage channel A high-pass filter channel A side chain channel A equalizing output channel A equalizing input channel A supply voltage input channel A1 (forward or reverse) reference voltage input channel A2 (reverse or forward) input channel B2 (reverse or forward) head switch input (optional) input channel B1 (forward or reverse) analog ground equalizing input channel B equalizing output channel B side chain channel B high-pass filter channel B control voltage channel B integrating filter channel B output channel B Automatic Music Search (AMS) output digital ground serial clock input serial data input/output bus enable HPA 9 SCA 10 EQA 11 EQFA 12 VCC 13 INA1 14 Vref 15 INA2 16 MHB118 TEA0679T handbook, halfpage MAD 1 BSC 2 TD 3 BTC 4 EQS 5 OUTA 6 INTA 7 CONTRA 8 32 BEN 31 SDA 30 SCL 29 DGND 28 AMS 27 OUTB 26 INTB 25 CONTRB TEA0679T 24 HPB 23 SCB 22 EQB 21 EQFB 20 AGND 19 INB1 18 HS 17 INB2 Fig.2 Pin configuration. 1998 Nov 12 4 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications FUNCTIONAL DESCRIPTION The following functions can be controlled via the * Equalization time constant switching * Head switching * Automatic Music Search (AMS) modes and blank skip * Noise Reduction (NR) on/off switching * Mute switching * Equalization amplifier gain adjustment * Output offset adjustment. Dolby B noise reduction only operates correctly if the 0 dB Dolby level is adjusted at 387.5 mV. The gain adjustment can also be used to change the AMS level detector threshold. The IC is able to generate an internal power-on reset to guarantee a proper start-up behaviour. Two of the above functions can be controlled via separate pins (optional), if required. Head switching is achieved when pin HS is connected to a LOW level (input IN2 active) or connected to a HIGH level (input IN1 active). Equalization time constant switching (70 or 120 s) is achieved when pin EQS is connected to a LOW level (70 s) or connected to a HIGH level (120 s). If I2C-bus control is used the respective external function control pin has to be left open-circuit. When open-circuit the current state of the function can be observed at these pins. Automatic Music Search (AMS) modes and blank skip If AMS is active (search mode bits SMOD1 = 1 and SMOD0 = 0 or 1) the NR function is internally switched off and the equalization time constant is internally forced to 70 s. The signals of both channels are full-wave rectified and then added. This means that even if one channel appears inverted to the other channel the normal AMS function is ensured. It is possible to choose between the AMS scan and the AMS latch mode via the I2C-bus. Due to the usage of an internal flip-flop the switching from one mode to the other must be done via the AMS off state. This guarantees an appropriate flip-flop reset: * Start from the initial AMS off state (SMOD1 = 0 and SMOD0 = 0 or 1) * Enable the desired AMS operation mode: AMS latch mode (SMOD1 = 1 and SMOD0 = 0) or AMS scan mode (SMOD1 = 1 and SMOD0 = 1). I2C-bus: TEA0679T For further information on music search see Figs 4 to 8. If blank skip is active (SMOD1 = 0 and SMOD0 = 1) periods of music can be detected in the playback mode using the AMS pin as the detector output. It is possible to defeat this function via the I2C-bus (SMOD1 = 0 and SMOD0 = 0). For further information on blank skip see Figs 9 and 10. Offset adjustment procedure The offset adjustment is performed using two bits in the I2C-bus write byte 0. The offset monitor bit OMOR enables the AMS output to indicate whether the selected offset value is positive or negative. The channel select bit OFCH selects the channel (A or B) which is currently monitored by the output at pin AMS. The monitoring needs a few microseconds until the output result is valid. A complete offset adjustment is performed in the following way: * Adjust the output to Dolby level using the I2C-bus controlled equalization gain adjustment * Enable the offset monitor and select the channel to be monitored by transmitting the bits OMOR = 1 and OFCH (0 = Channel A, 1 = Channel B) to the IC * If the monitor output (pin AMS) is LOW send the next offset value OFFCHA or OFFCHB one offset step below the last valid value. If the monitor output (pin AMS) is HIGH send the next offset value OFFCHA or OFFCHB one offset step above the last valid value * Repeat the last two steps until the monitor output changes its polarity * If necessary store the transmitted digital offset value for the selected channel. The start value is either set by the power-on reset or the last I2C-bus transmission. The offset adjustment can be performed during the power-on reset condition and also each time the tape driver is not active. A complete digital offset data set consists of four values: one for each head (head 1 and head 2) in each channel. After an offset value transmission the IC stores one value for channel A and one value for channel B. If a head switch is performed these values have to be updated via the I2C-bus for the alternative head. 1998 Nov 12 5 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications I2C-bus operation mode TEA0679T The IC is capable of operating with I2C-bus systems that provide either 5 V or digital supply voltage related logic levels below 5 V. This is achieved using the bus enable (pin 32) with different input voltages. An open pin or input voltages above 5 V enable 5 V related I2C-bus logic levels. If input voltages between 3 and 5 V are used the IC operates with I2C-bus logic levels related to these input voltages. To disable the I2C-bus receiver it is necessary to use pin voltages below the specified LOW level. LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VCC Vi supply voltage input voltage (pins 1 to 32) except pin 5 (EQS), pin 15 (Vref), pin 18 (HS), pin 30 (SCL) and pin 31 (SDA) to VCC input voltage at pin 30 (SCL) and pin 31 (SDA) input voltage at pin 5 (EQS) and pin 18 (HS) standby input voltage at pin 1 (MAD), pin 32 (BEN), pin 5 (EQS) and pin 18 (HS) pin 15 (Vref) to VCC short-circuiting duration storage temperature operating ambient temperature electrostatic handling voltage for all pins note 2 note 3 Notes 1. The TEA0679T allows a HIGH level at switching pins without voltage (VCC = 0; standby mode). This means a maximum input voltage of 6.5 V for the switching pins. 2. Human body model (1.5 k; 100 pF). 3. Machine model (0 ; 200 pF). THERMAL CHARACTERISTICS SYMBOL Rth(j-a) PARAMETER thermal resistance from junction to ambient CONDITIONS in free air VALUE 62 UNIT K/W note 1 PARAMETER CONDITIONS 0 -0.3 MIN. MAX. 14 VCC V V UNIT Vi(n1) Vi(n2) Vi(stb) tsc Tstg Tamb Ves -0.3 -0.3 -0.3 - -55 -40 -2 -500 +12 +6.5 +6.5 5 +150 +85 +2 +500 V V V s C C kV V 1998 Nov 12 6 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications TEA0679T CHARACTERISTICS VCC = 10 V; f = 20 Hz to 20 kHz; Tamb = 25 C; all levels are referenced to Vo = 387.5 mV (RMS) (0 dB) at test point (TP) pin OUTA or OUTB; see Fig.1; NR on/AMS off; EQ switch in the 70 s position; unless otherwise specified. SYMBOL VCC ICC m THD HR S+N ------------N PSRR Vo PARAMETER supply voltage supply current channel matching total harmonic distortion (2nd and 3rd harmonic) headroom at output signal plus noise-to-noise ratio f = 1 kHz; Vo = 0 dB; NR off f = 1 kHz; Vo = 0 dB f = 10 kHz; Vo = 10 dB VCC = 7.6 V; THD = 1%; f = 1 kHz internal gain 40 dB, linear; CCIR/ARM weighted; decode mode; see Fig.41 Vi(rms) = 0.25 V; f = 1 kHz; see Fig.38 encode mode; see Fig.41 -25 dB; f = 0.2 kHz 0 dB; f = 1 kHz -25 dB; f = 1 kHz -25 dB; f = 5 kHz -35 dB; f = 10 kHz cs ct RL Gv channel separation crosstalk between active and inactive input load resistance at output voltage gain of preamplifier Vo = 10 dB; f = 1 kHz; see Fig.39 f = 1 kHz; Vo = 10 dB; NR off; see Fig.39 AC-coupled; f = 1 kHz; Vo = 12 dB; THD = 1% pin INA1/INA2 to pin EQFA; pin INB1/INB2 to pin EQFB; f = 1 kHz -25.9 -1.5 -20.8 -21.1 -27.4 57 70 10 29 -24.4 0 -19.3 -19.6 -25.9 63 77 - 30 -22.9 +1.5 -17.8 -18.1 -24.4 - - - 31 dB dB dB dB dB dB dB k dB CONDITIONS - -0.5 - - 12 78 MIN. 7.6 TYP. 10 35 - 0.08 0.15 - 84 MAX. 12 40 +0.5 0.15 0.3 - - UNIT V mA dB % % dB dB power supply ripple rejection output voltage frequency response; referenced to TP 52 57 - dB Vi(offset)(DC) Ii(bias) REQ Ri Gv(ol) DC input offset voltage input bias current internal equalization resistor input resistance of head inputs open-loop gain pin INA1 or INA2 to pin EQA; pin INB1 or INB2 to pin EQB; additional gain = 0 dB f = 10 kHz f = 400 Hz pin EQA/EQB to EQ amplifier A/B output - - 4.7 60 2 0.1 5.8 100 - 0.4 6.9 - mV A k k 80 104 -20 86 110 - - - +20 dB dB mV Vref - VOUT DC output offset voltage at pins OUTA and OUTB after adjustment NR off; pins INA1, INA2, INB1 and INB2 connected to Vref 1998 Nov 12 7 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications SYMBOL IO PARAMETER DC output current CONDITIONS pins OUTA and OUTB connected to ground pins OUTA and OUTB connected to VCC Zo Vno(rms) output impedance equivalent input noise voltage (RMS value) AMS timing (DC level) DC offset voltage at pins OUTA and OUTB overall offset voltage between AGND (pin 20) and DGND (pin 29) NR off; unweighted; f = 20 Hz to 20 kHz; Rsource = 0 f = 900 MHz; Vi(rms) = 6 V MIN. -2 0.3 - - - - 80 0.7 TYP. TEA0679T MAX. - - 100 1.4 UNIT mA mA V VTD Voffset(DC) Voffset(AD) resistor Rt connected to pin TD VCC - 3 - - -0.4 40 - VCC - +0.4 V mV V Level adjustment GCR Gstep GE gain control range step size step error between any adjacent step note 1 24.2 - - 25.2 0.4 - 26.2 - 0.4 dB dB dB Switching thresholds OPTIONAL EQUALIZATION TIME CONSTANT SWITCH (pin EQS) VIL VOL VIH VOH VIL VOL VIH VOH LOW-level input voltage LOW-level output voltage HIGH-level input voltage HIGH-level output voltage 70 s; IL -200 A 70 s; IL 1 mA 120 s 120 s; IL -50 A INPUT 2 on; IL -150 A INPUT 2 on; IL 10 A INPUT 1 on INPUT 1 on; IL -50 A -0.3 - 2 2.8 -0.3 - 2 2.8 - - - - - - - - +0.8 0.4 - 3.3 V V V V OPTIONAL HEAD SWITCH (pin HS) LOW-level input voltage LOW-level output voltage HIGH-level input voltage HIGH-level output voltage +0.8 0.4 - 3.3 V V V V Search modes BLANK SKIP BSth(M-P) tsw(P-M) dynamic level threshold switching time pause-to-music blank skip mode; f = 10 kHz blank skip mode; f = 10 kHz; signal on channel A and B; note 2 blank skip mode; f = 10 kHz; signal on one channel; note 2 tsw(M-P) switching time music-to-pause blank skip mode; f = 10 kHz; note 2 -30 2.1 -27 4.15 -24 6.3 dB ms 4.1 10 8.3 19 12.5 30 ms ms 1998 Nov 12 8 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications SYMBOL PARAMETER CONDITIONS MIN. - - -21 -1 TYP. TEA0679T MAX. UNIT AUTOMATIC MUSIC SEARCH (AMS) tW(min)(r) AMS(P-M) AMS(M-P) minimum pulse width rise time signal level at output for AMS switching pause-to-music AMS switching hysteresis music-to-pause AMS scan mode AMS latch mode AMS mode; f = 10 kHz; notes 3 and 4; see Fig.40 AMS mode; f = 10 kHz 2 130 -23.7 -0.7 10 170 -18 -1.3 ms ms dB dB OUTPUT (pin AMS) VOH VOL VIH VIL IIH IIL VIH HIGH-level output voltage LOW-level output voltage IL -1 mA IL 1 mA 2.8 - - - - - - - - - - - - - - - 3.3 0.4 V V Digital part (pins MAD and BEN) HIGH-level input voltage LOW-level input voltage HIGH-level input current LOW-level input current 3 -0.3 -10 -10 VCC +1.5 +10 +10 V V A A Digital part (pins SDA and SCL); note 4 HIGH-level input voltage BEN (pin 32) open-circuit 5 V VBEN VCC 3 V VBEN < 5 V VIL LOW-level input voltage BEN (pin 32) open-circuit 5 V VBEN VCC 3 V VBEN < 5 V IIH IIL VOL Notes 1. For Dolby NR level adjust and AMS pause detection level setting. 2. All blank skip timing characteristics are based on the assumption that a signal level change from -33 to -21 dB pause-to-music or -21 to -33 dB music-to-pause occurs in the specified channels. 3. The high speed of the tape (FF and REW) at the tape head during AMS mode causes a transformation of level and frequency of the originally recorded signal. It means a boost of signal level of approximately 10 dB and more for recorded frequencies from 500 Hz to 4 kHz. So the threshold level of -22 dB corresponds to signal levels in PlayBack (PB) mode of approximately -32 dB. The AMS inputs for each channel are pins SCA and SCB. As the frequency spectrum is transformed by a factor of approximately 10 to 30 due to the higher tape speed in FF and REW, the high-pass filter (4.7 nF/24 k) removes the effect of offset voltages but does not affect the music search function. In the block and application diagram (see Fig.1) the frequency response of the system between tape heads input, e.g. pins INA2 and INB2, to the AMS input pins SCA and SCB is constant over the whole frequency range (see Fig.3). 4. These levels correspond to a gain setting of Dolby level at TP (for TP see Fig.41). The gain adjustment can be used to change the threshold level during AMS operation. 5. The characteristics are in accordance with the I2C-bus specification. Information about the I2C-bus can be found in the brochure "The I2C-bus and how to use it" (order number 9398 393 40011). 1998 Nov 12 9 HIGH-level input current LOW-level input current LOW-level output voltage SDA IL = 3 mA VCC = 0 to 12 V 3 3 -0.3 -0.3 -0.3 -10 -10 - VCC VCC VCC +1.5 +1.5 +10 +10 0.4 V V V V V A A V 0.7VBEN - 0.3VBEN V Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications General note TEA0679T It is recommended to switch off VCC with a gradient of 400 V/s at maximum to avoid plops on tape in the event of contact between tape and tape head while switching off. AMS delay time Table 1 AMS delay time set by resistor Rt at pin TD DELAY TIME td TYP. (ms) 23 42 48 56 65 76 98 112 126 142 160 TOLERANCE (%) 20 15 15 15 10 10 10 10 10 10 10 RESISTOR VALUE Rt (k) 68 150 180 220 270 330 470 560 680 820 1000 AMS threshold level handbook, halfpage -20 MHB119 AMS(P-M) (dB) -30 (1) (2) -40 -50 -60 102 103 104 f (Hz) 105 (1) AMS threshold level for application circuit (see Fig.1). (2) AMS threshold level for test circuit (see Fig.40). Fig.3 AMS threshold level. 1998 Nov 12 10 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications Short description of music search A system for music search consists mainly of a level and a time detection circuit (see Fig.4). For adapting and decoupling the input signal is amplified (A), then rectified (B) and smoothed with a time constant (C). Thus the voltage at (C) corresponds to the signal level and will be compared to the predefined pause level at the first comparator (D), the level detector. If the signal level becomes smaller than the pause level, the level detector changes its output signal. Due to the output level of the level detector the capacitor of the second time constant (E) will be charged, respectively discharged. TEA0679T If the pause level of the input signal remains for a certain time period, the voltage at the capacitor reaches a certain value, which corresponds to an equivalent time value. The voltage at the capacitor will be compared to a predefined time-equivalent voltage by the second comparator (F), the time detector. If the pause level of the input signal remains for this predefined time, the time detector changes its output level to pause found status. handbook, full pagewidth (A) (B) (C) (D) COMPARATOR 1 (E) (F) COMPARATOR 2 INPUT t1 VI t2 Vt OUTPUT AMPLIFIER RECTIFIER LEVEL DETECTOR TIME DETECTOR MED624 Fig.4 Integrated music search function. 1998 Nov 12 11 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications Description of the principle timing diagram for AMS scan mode without initial input signal (see Fig.5) By activating the AMS scan mode the AMS output level directly indicates whether the input level corresponds to a pause level (VAMSEQ = LOW) or not (VAMSEQ = HIGH). At t0 the AMS scan mode is activated. Without a signal at Vin, the following initial procedure runs until the AMS output changes to a LOW level: due to no signal at Vin the voltage at the level detector input VI (CONTRA) remains below the level threshold and the second time constant will be discharged (time detector input Vt). When Vt exceeds the time threshold level, the time detector output changes to LOW level. Now the initial procedure is completed. If a signal burst appears at t3, the level detector input voltage rises immediately and causes its output to charge the second time constant, which supplies the input voltage Vt for the time detector. TEA0679T When Vt exceeds the upper threshold level after the rise time tr (at t4) the AMS output changes to HIGH. If the signal burst ends at t5 the level detector input VI falls to its LOW level. Discharging of the second time constant begins when the level threshold is exceeded at t6. The circuit then measures the delay time td, which is externally fixed by a resistor and defines the length of a pause to be detected. If no signal appears at Vin within the time interval td, the time detector output switches the AMS output to a LOW level at t7. If a plop noise pulse appears at Vin (t8) with a pulse width less than the rise time tr > tb, the plop noise will not be detected as music. The AMS output remains LOW. Similarly the system handles no music pulses tp: when music appears at t11 with a small interruption at t13, this interruption will not affect the AMS output for tp < td. handbook, full pagewidth AMS on tr tf td tb < tr tp < td Vin t Vl Vl: voltage at level detector input pin 8 (CONTRA) t Vt upper threshold (hysteresis) Vt: voltage at time detector input pin 25 (CONTRB) level threshold Vref time threshold t VAMSEQ 4.5 V output signal to microprocessor t0 t3 t4 t5 t6 t7 t8 t9 t10 t11 t12 t13 t14 t15 t MHB120 tr = rise time; td = delay time; tb = burst time; tp = pause time; tf = fall time. Fig.5 AMS scan mode without initial input signal. 1998 Nov 12 12 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications TEA0679T Description of the principle timing diagram for AMS scan mode with initial input signal (see Fig.6) The AMS scan mode is activated at t0. With an input signal at Vin, the following initial procedure runs until the circuit gets a steady state status. Due to the signal at Vin the voltage at the level detector input VI (CONTRA) slides to a value which is defined by a limiter. This voltage causes the level detector output to charge the second time constant (time detector input Vt) to its maximum voltage level at t1. The initial procedure is now completed. The following behaviour does not differ from the description in Section "Description of the principle timing diagram for AMS scan mode without initial input signal (see Fig.5)". handbook, full pagewidth AMS on td tf tb < tr Vin tp < tr t Vl Vl: voltage at level detector input pin 8 (CONTRA) level threshold Vref t Vt upper threshold (hysteresis) Vt: voltage at time detector input pin 25 (CONTRB) time threshold t VAMSEQ 4.5 V output signal to microprocessor t t0 t1 t5 t6 t7 t8 t9 t10 t11 t12 t13 t14 t15 MHB121 tr = rise time; td = delay time; tb = burst time; tp = pause time; tf = fall time. Fig.6 AMS scan mode with initial input signal. 1998 Nov 12 13 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications Description of the principle timing diagram for AMS latch mode without initial input signal (see Fig.7) This is similar to the description of the principle timing diagram from AMS scan mode. It only differs in its initial behaviour and its rise time tr (it should be noted that the different tr does not occur in the principle timing diagrams for latch and scan mode). Running in AMS latch mode, the circuit may be simply applied to drive a stop solenoid via a power FET. So a further processing of the AMS output signal is not necessary. Because there is no processor to make a decision whether there is plop noise or not, for this mode the rise time tr is extended to approximately 150 ms. TEA0679T By activating the AMS latch mode the AMS output will not change to a LOW level at t0 if there is no initial signal at Vin. A latch forces the AMS output to remain HIGH until a signal appears at Vin (t4). After t4 the latch will not affect the output until the AMS latch mode is started again. The existence of the latch appears necessary if the AMS output, for example, drives a stop solenoid via a power FET. The LOW output level will cause a drive of the stop solenoid. This will happen after a maximum time of td occurs without any input signal. If there is no music on tape for a long time (e.g. at tape end), the AMS mode will be activated repeatedly as long as there is no signal at Vin. Thus the circuit waits until music appears before detecting the pauses. tb < tr handbook, full pagewidth AMS on tr td tf tp < td Vin t Vl Vl: voltage at level detector input pin 8 (CONTRA) t Vt upper threshold (hysteresis) Vt: voltage at time detector input pin 25 (CONTRB) level threshold Vref time threshold t internal latch status H L t VAMSEQ 4.5 V output signal to power FET t0 t3 t4 t5 t6 t7 t8 t9 t10 t11 t12 t13 t14 t15 t MHB122 tr = rise time; td = delay time; tb = burst time; tp = pause time; tf = fall time. Fig.7 AMS latch mode without initial input signal. 1998 Nov 12 14 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications TEA0679T Description of the principle timing diagram for AMS latch mode with initial input signal (see Fig.8) This is similar to the description in Section "Description of the principle timing diagram for AMS scan mode with initial input signal (see Fig.6)". It only differs in its rise time tr and a release of its internal latch when voltage Vt exceeds the upper threshold between t0 and t1. The initial procedure is now completed. The following behaviour does not differ from the description in Section "Description of the principle timing diagram for AMS latch mode without initial input signal (see Fig.7)". handbook, full pagewidth AMS on td tf tb < tr Vin tp < td t Vl Vl: voltage at level detector input pin 8 (CONTRA) t Vt upper threshold (hysteresis) Vt: voltage at time detector input pin 25 (CONTRB) level threshold Vref time threshold t internal latch status H L t VAMSEQ 4.5 V output signal to power FET t t0 t1 t5 t6 t7 t8 t9 t10 t11 t12 t13 t14 t15 MHB123 tr = rise time; td = delay time; tb = burst time; tp = pause time; tf = fall time. Fig.8 AMS latch mode with initial input signal. 1998 Nov 12 15 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications Short description of blank skip The blank skip system is intended to detect pauses of music during playback mode. It consists of two input signal level comparators, an integration capacitor and an output comparator with hysteresis. The DC voltage of the inputs A and B, increased by the level threshold value, is used as the reference voltage for the input comparators. If input A or B exceeds this voltage the integration capacitor is discharged. If this voltage falls below the lower threshold the output comparator changes its polarity to the music found status. TEA0679T In the event that none of the two inputs A or B exceeds the level threshold the integration capacitor is charged. After its voltage has exceeded the upper threshold of the output comparator the output changes its polarity to the pause found status. It is recommended to process the output signal with a microcontroller to perform, for example, spike suppression for a certain time. handbook, full pagewidth COMPARATOR INPUT A COMPARATOR REFERENCE VOLTAGE t1 VC(1) OUTPUT COMPARATOR MHB124 INPUT B (1) VC: integration capacitor voltage. Fig.9 Integrated blank skip function. 1998 Nov 12 16 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications TEA0679T handbook, full pagewidth INPUT t VC upper threshold lower threshold t OUTPUT VHIGH VLOW t tsw(P-M) tsw(M-P) tsw(P-M) tsw(M-P) MHB125 VC; integration capacitor voltage: tsw(P-M); switching time pause-to-music: tsw(M-P); switching time music-to-pause. Fig.10 Blank skip timing diagram. Soft head switching In general the head switching procedure is recommended to be performed in four steps: 1. Activate the mute function 2. Switch to the alternative head 3. Adjust the offset for the new head 4. Deactivate the mute function. In applications without a mute function a soft head switch via the I2C-bus can be realized using a capacitor connected to pin 18. A proposal for this switching mechanism is shown in Fig.11. To guarantee the internal timing for the head switching operation an externally connected device to pin 18 should not modify the output current significantly. An additional resistor is necessary if the head switching is performed externally via the optional switching input capability at pin 18. A proposal for this kind of switching is shown in Fig.12. In general soft head switching is only suitable if equal offset values for head 1 and head 2 exist. A soft offset value switching is not possible with the TEA0679T. Fig.11 Soft head switching via the I2C-bus. handbook, halfpage pin 18 HS (optional) 10 F MHB126 handbook, halfpage pin 18 HS (optional) 8 k 10 F IN1 IN2 MHB127 Fig.12 External soft head switching. 1998 Nov 12 17 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications I2C-BUS PROTOCOL I2C-bus format S Table 2 SLAVE ADDRESS Explanation of I2C-bus format to read (slave transmits data) NAME S SLAVE ADDRESS A DATA P Table 3 Write byte 0; SELECT BITS OF DATA BYTE SELECT FUNCTIONS MSB SMOD1 Equalization time constant 70 s 120 s Offset monitor AMS output offset monitor Offset channel channel A channel B NR on/off on off Mute off/on off on Head switch IN2 IN1 Search mode off blank skip AMS latch mode AMS scan mode 0 0 1 1 0 1 0 1 - - - - - - - - - - - - - - - - - - - - 0 1 - - - - - - - - - - - - 0 1 - - - - - - - - - - - - 0 1 - - - - - - - - - - - - 0 1 - - - - - - - - - - - - - - - - - - - - - - - - SMOD0 HSW MUTE NROF OFCH START condition 101 100 00 (MAD = LOW) 101 100 10 (MAD = HIGH) acknowledge; generated by the slave see Tables 3 to 10 STOP condition DESCRIPTION A DATA TEA0679T A P LSB OMOR - - 0 1 - - - - - - - - - - - - EQT 0 1 - - - - - - - - - - - - - - 1998 Nov 12 18 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications Table 4 Write byte 1; EQADJA BITS OF DATA BYTE EQADJA ADDITIONAL GAIN POSITIONS (dB) 0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 4.8 5.2 5.6 6.0 6.4 6.8 7.2 7.6 8.0 8.4 8.8 9.2 9.6 10.0 10.4 10.8 11.2 11.6 12.0 12.4 12.8 13.2 13.6 14.0 14.4 MSB NOT USED NOT USED 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 EQA5 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 EQA4 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 EQA3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 EQA2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 TEA0679T LSB EQA1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 EQA0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1998 Nov 12 19 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications BITS OF DATA BYTE EQADJA ADDITIONAL GAIN POSITIONS (dB) 14.8 15.2 15.6 16.0 16.4 16.8 17.2 17.6 18.0 18.4 18.8 19.2 19.6 20.0 20.4 20.8 21.2 21.6 22.0 22.4 22.8 23.2 23.6 24.0 24.4 24.8 25.2 MSB NOT USED NOT USED 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 EQA5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 EQA4 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 EQA3 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 EQA2 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 TEA0679T LSB EQA1 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 EQA0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 1998 Nov 12 20 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications Table 5 Write byte 2; EQADJB BITS OF DATA BYTE EQADJB ADDITIONAL GAIN POSITIONS (dB) 0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 4.8 5.2 5.6 6.0 6.4 6.8 7.2 7.6 8.0 8.4 8.8 9.2 9.6 10.0 10.4 10.8 11.2 11.6 12.0 12.4 12.8 13.2 13.6 14.0 14.4 MSB NOT USED NOT USED 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 EQB5 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 EQB4 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 EQB3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 EQB2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 TEA0679T LSB EQB1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 EQB0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1998 Nov 12 21 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications BITS OF DATA BYTE EQADJB ADDITIONAL GAIN POSITIONS (dB) 14.8 15.2 15.6 16.0 16.4 16.8 17.2 17.6 18.0 18.4 18.8 19.2 19.6 20.0 20.4 20.8 21.2 21.6 22.0 22.4 22.8 23.2 23.6 24.0 24.4 24.8 25.2 Table 6 Write byte 3; OFFCHA BITS OF DATA BYTE OFFCHA OFFSET CHANNEL A POSITIONS Maximum positive Maximum negative MSB OFA7 0 ... 1 OFA6 0 ... 1 OFA5 0 ... 1 OFA4 0 ... 1 OFA3 0 ... 1 OFA2 0 ... 1 MSB NOT USED NOT USED 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 EQB5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 EQB4 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 EQB3 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 EQB2 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 TEA0679T LSB EQB1 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 EQB0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 LSB OFA1 0 ... 1 OFA0 0 ... 1 1998 Nov 12 22 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications Table 7 Write byte 4; OFFCHB BITS OF DATA BYTE OFFCHB OFFSET CHANNEL B POSITIONS Maximum positive Maximum negative Table 8 MSB OFB7 0 ... 1 OFB6 0 ... 1 OFB5 0 ... 1 OFB4 0 ... 1 OFB3 0 ... 1 OFB2 0 ... 1 TEA0679T LSB OFB1 0 ... 1 OFB0 0 ... 1 Optionally pin controlled switch functions HS (PIN 18) FUNCTIONS PIN STATE OUTPUT INPUT - - - open-circuit open-circuit LOW DATA BIT HSW - - - 0 1 - EQS (PIN 5) PIN STATE OUTPUT LOW HIGH LOW - - - INPUT open-circuit open-circuit LOW - - - DATA BIT EQT Equalization time constant 70 s 120 s 70 s Head switch IN2 IN1 IN2 Table 9 MAD switch MODULE ADDRESS 101 100 10 101 100 10 101 100 00 Table 10 BEN switch I2C-BUS OPERATION MODE Active; 5 V thresholds Active; 5 V thresholds Active; VBEN related thresholds Inactive BEN (PIN 32) open-circuit HIGH (5 V to VCC) HIGH (3 to 5 V) LOW MAD (PIN 1) open-circuit HIGH LOW LOW HIGH LOW - - - - - - 0 1 - 1998 Nov 12 23 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications I2C-bus transmission types The I2C-bus format depends on the kind of data which should be transmitted. To speed up the offset adjustment procedure three types of transmissions from master to slave are possible. The transmission type is controlled by bits OFCH and OMOR in write byte 0. If the OMOR bit is set to logic 0 the standard transmission type is used. The corresponding byte sequence is shown in Fig.13. This kind of transmission should by used for changes in the IC settings during normal operation. TEA0679T If the OMOR bit is set to logic 1 and the OFCH bit is set to logic 0 the transmission type for an offset adjust in channel A is selected. The byte sequence is shown in Fig.14. During this kind of transmission the pin AMS is used as the offset monitor output for channel A. If the OMOR bit is set to logic 1 and the OFCH bit is set to logic 1 the transmission type for an offset adjust in channel B is selected. The byte sequence is shown in Fig.15. During this kind of transmission the pin AMS is used as the offset monitor output for channel B. handbook, full pagewidth S CHIP ADDRESS ADDRESS R/W A BYTE 0 X 0 A BYTE 1 A A BYTE 2 BYTE 3 A BYTE 4 A P MHB128 Fig.13 Standard transmission. handbook, full pagewidth S CHIP ADDRESS ADDRESS R/W A BYTE 0 0 1 A BYTE 3 A A BYTE 3 A BYTE 3 A P MHB129 Fig.14 Offset adjust channel A transmission. handbook, full pagewidth S CHIP ADDRESS ADDRESS R/W A BYTE 0 1 1 A BYTE 4 A A BYTE 4 A BYTE 4 A P MHB130 Fig.15 Offset adjust channel B transmission. 1998 Nov 12 24 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications INTERNAL PIN CONFIGURATIONS TEA0679T handbook, halfpage 2 + handbook, halfpage + 1 80 k 80 k 160 1.6 V MHB131 160 MHB132 Fig.16 Pin 1: programmable address bit. Fig.17 Pin 2: blank skip reference capacitance. handbook, halfpage + 3 8V handbook, halfpage + 4 1 k MHB134 MHB133 Fig.18 Pin 3: delay time constant. Fig.19 Pin 4: blank skip integration capacitance. 1998 Nov 12 25 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications TEA0679T handbook, halfpage + 5 handbook, halfpage + 6 5V 85 85 3V 47 MHB135 MHB136 Fig.20 Pin 5: EQ switch input. Fig.21 Pins 6 and 27: output channel. handbook, halfpage + 8 5V handbook, halfpage 7 + 3.6 k Vref 0.23 V 1.2 k 3.4 k 3.6 k 40 k MHB137 5V MHB138 Fig.22 Pin 7: integrating filter channel A. Fig.23 Pin 8: control voltage channel A. 1998 Nov 12 26 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications TEA0679T handbook, halfpage handbook, halfpage 10 9 + 5V + + 5V 670 9 k 9 k 5V MHB139 MHB140 Fig.24 Pins 9 and 24: high-pass filter. Fig.25 Pins 10 and 23: side chain. handbook, halfpage + 11 5V handbook, halfpage + 12 5V 20 k 10 k 20 k 160 5.8 k 2.7 pF MHB142 MHB141 Fig.26 Pins 11 and 22: equalizing output. Fig.27 Pins 12 and 21: equalizing input. 1998 Nov 12 27 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications TEA0679T handbook, halfpage 14 5V + handbook, halfpage 13 10 V 240 6.25 pF MHB143 100 k 5V MHB144 Fig.28 Pin 13: supply voltage. Fig.29 Pins 14, 16, 17 and 19: input channel. handbook, halfpage + 18 handbook, halfpage + 2.55 k 15 5V 2.55 k MHB145 MHB146 Fig.30 Pin 15: reference voltage. Fig.31 Pin 18: head switch input. 1998 Nov 12 28 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications TEA0679T handbook, halfpage + 25 5V handbook, halfpage 26 + 3.6 k Vref 0.23 V 1.2 k 3.4 k 3.6 k + MHB147 MHB148 Fig.32 Pin 25: control voltage channel B. Fig.33 Pin 26: integrating filter channel B. handbook, halfpage + handbook, halfpage + 30 28 1.9 k 3V MHB149 MHB150 Fig.34 Pin 28: AMS output. Fig.35 Pin 30: serial clock input. 1998 Nov 12 29 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications TEA0679T handbook, halfpage + 31 handbook, halfpage + 32 1.9 k MHB152 MHB151 Fig.36 Pin 31: serial data input/output. Fig.37 Pin 32: bus enable. 1998 Nov 12 30 This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... 1998 Nov 12 output B BEN 32 SDA 31 SCL 30 29 I2C-BUS TEST AND APPLICATION INFORMATION Philips Semiconductors handbook, full pagewidth I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications 10 F 10 F 330 nF 270 k 100 nF 180 k 15 nF 4.7 nF 24 k 20 k 10 k HS (opt) EQFB 21 AGND 20 INB1 19 HS 18 INB2 17 DGND AMS 28 OUTB 27 INTB 26 CONTRB 25 HPB 24 SCB 23 EQB 22 DOLBY B EQ AMP PRE AMP MUTE LATCH AND RISE TIME AMS PROCESSOR BLANK SKIP LOGIC POWER SUPPLY TEA0679T 31 1 MAD 2 BSC 3 TD Rt (ref) 220 nF 4 BTC 5 EQS 6 OUTA 7 INTA 270 k EQS (opt) 47 nF 10 F output A 330 nF DELAY TIME LEVEL DETECTOR DOLBY B EQ AMP PRE AMP 8 CONTRA 9 HPA 10 SCA 11 EQA 20 k 12 EQFA 13 VCC = 10 V 10 k INA1 14 15 Vref 100 F 16 INA2 180 k 100 nF 15 nF 4.7 nF 24 k 10 k 100 nF 1000 F Product specification 10 F 0.25 V (RMS) 1 kHz MHB153 TEA0679T Fig.38 Test circuit for power supply ripple rejection. This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... andbook, full pagewidth 1998 Nov 12 BEN 32 SDA 31 Philips Semiconductors I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications 10 F output B 10 F 330 nF 270 k 100 nF 180 k 15 nF 4.7 nF 24 k 20 k 10 k HS (opt) EQFB 21 AGND 20 INB1 19 HS 18 INB2 17 SCL 30 DGND AMS 29 28 OUTB 27 INTB 26 CONTRB 25 HPB 24 SCB 23 EQB 22 DOLBY B EQ AMP PRE AMP MUTE I2C-BUS LATCH AND RISE TIME AMS PROCESSOR BLANK SKIP LOGIC POWER SUPPLY TEA0679T DELAY TIME LEVEL DETECTOR 32 1 MAD 2 BSC 3 TD Rt (ref) 220 nF 4 BTC 5 EQS 6 OUTA 7 INTA 270 k EQS (opt) 47 nF 10 F output A 330 nF DOLBY B EQ AMP PRE AMP 8 CONTRA 9 HPA 10 SCA 11 EQA 20 k 12 EQFA 13 VCC 10 V 200 INA1 14 15 Vref 100 F 16 INA2 180 k 100 nF 15 nF 4.7 nF 24 k 10 k 100 nF 10 F 10 F Product specification TEA0679T MHB154 Fig.39 Test circuit for channel separation. This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... andbook, full pagewidth 1998 Nov 12 output B BEN 32 SDA 31 SCL 30 29 I2C-BUS Philips Semiconductors I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications 10 F 10 F 330 nF 270 k 180 k 24 k 20 k HS (opt) EQFB 21 AGND 20 INB1 19 HS 18 INB2 17 100 nF 15 nF 4.7 nF 10 k DGND AMS 28 OUTB 27 INTB 26 CONTRB 25 HPB 24 SCB 23 EQB 22 DOLBY B EQ AMP PRE AMP MUTE LATCH AND RISE TIME AMS PROCESSOR BLANK SKIP LOGIC POWER SUPPLY TEA0679T DELAY TIME LEVEL DETECTOR voltage input 33 1 MAD 2 BSC 3 TD Rt (ref) 220 nF 4 BTC 5 EQS 6 OUTA 7 INTA 270 k EQS (opt) 47 nF 10 F output A 330 nF DOLBY B EQ AMP PRE AMP 8 CONTRA 9 HPA 10 SCA 11 EQA 20 k 12 EQFA 13 VCC INA1 14 15 Vref 100 F 16 INA2 180 k 100 nF 15 nF 4.7 nF 24 k 10 k 10 F 100 nF 10 V Product specification TEA0679T MHB155 Fig.40 Test circuit for AMS threshold level. This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... dbook, full pagewidth 1998 Nov 12 BEN 32 SDA 31 Philips Semiconductors I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications 10 F output B TP VCC 10 F 25 k 10 F 25 k 20 k HS (opt) EQFB 21 AGND 20 INB1 19 HS 18 INB2 17 Vi 330 nF 270 k 100 nF 180 k 15 nF 4.7 nF 24 k 10 k SCL 30 DGND AMS 29 28 OUTB 27 INTB 26 CONTRB 25 HPB 24 SCB 23 EQB 22 DOLBY B EQ AMP PRE AMP MUTE I2C-BUS LATCH AND RISE TIME AMS PROCESSOR BLANK SKIP LOGIC POWER SUPPLY TEA0679T DELAY TIME LEVEL DETECTOR 34 1 MAD 2 BSC 3 TD Rt (ref) 220 nF 4 BTC 5 EQS 6 OUTA 7 INTA 270 k EQS (opt) 47 nF 10 F output A 330 nF DOLBY B EQ AMP PRE AMP 8 CONTRA 9 HPA 10 SCA 11 EQA 20 k 12 EQFA 13 VCC 10 V INA1 14 15 Vref 100 F 16 INA2 180 k 100 nF 15 nF 4.7 nF 24 k 10 k 100 nF 10 F 470 pF 200 10 F Vi Product specification TEA0679T MHB156 TP Channel A: Decode mode: pre-amplifier 30 dB and EQ amplifier 10 dB linear. Channel B: Encode mode. Fig.41 Test circuit for frequency response (channel B). This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... andbook, full pagewidth 1998 Nov 12 BEN 32 SDA 31 Philips Semiconductors I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications 10 F output B 10 F 470 pF 200 HS (opt) EQFB 21 AGND 20 INB1 19 HS 18 INB2 17 200 470 pF 330 nF 270 k 100 nF 180 k 15 nF 4.7 nF 24 k 20 k 10 k SCL 30 DGND AMS 29 28 OUTB 27 INTB 26 CONTRB 25 HPB 24 SCB 23 EQB 22 DOLBY B EQ AMP PRE AMP MUTE I2C-BUS LATCH AND RISE TIME AMS PROCESSOR BLANK SKIP LOGIC POWER SUPPLY TEA0679T DELAY TIME LEVEL DETECTOR 35 DOLBY B EQ AMP PRE AMP 1 MAD 2 BSC 3 TD Rt (ref) 220 nF 4 BTC 5 EQS 6 OUTA 7 INTA 270 k 180 k 330 nF 100 nF 15 nF 4.7 nF 24 k 10 k 100 nF 10 V 470 pF 200 200 470 pF 8 CONTRA 9 HPA 10 SCA 11 EQA 20 k EQS (opt) 47 nF 10 F output A 12 EQFA 13 VCC INA1 14 15 Vref 100 F 16 INA2 10 F MHB157 Product specification TEA0679T 10 40 Fig.42 EMC test circuit. Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications PACKAGE OUTLINE SO32: plastic small outline package; 32 leads; body width 7.5 mm TEA0679T SOT287-1 D E A X c y HE vM A Z 32 17 Q A2 A1 pin 1 index Lp 1 e bp 16 wM L detail X (A 3) A 0 5 scale 10 mm DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 2.65 0.10 A1 0.3 0.1 A2 2.45 2.25 A3 0.25 0.01 bp 0.49 0.36 0.02 0.01 c 0.27 0.18 0.011 0.007 D (1) 20.7 20.3 0.81 0.80 E (1) 7.6 7.4 0.30 0.29 e 1.27 0.050 HE 10.65 10.00 0.419 0.394 L 1.4 0.055 Lp 1.1 0.4 0.043 0.016 Q 1.2 1.0 0.047 0.039 v 0.25 0.01 w 0.25 0.01 y 0.1 0.004 Z (1) 0.95 0.55 0.037 0.022 0.012 0.096 0.004 0.086 8o 0o Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT287-1 REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION ISSUE DATE 95-01-25 97-05-22 1998 Nov 12 36 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications SOLDERING Introduction There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often used. This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (order code 9398 652 90011). Reflow soldering Reflow soldering techniques are suitable for all SO packages. Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several techniques exist for reflowing; for example, thermal conduction by heated belt. Dwell times vary between 50 and 300 seconds depending on heating method. Typical reflow temperatures range from 215 to 250 C. Preheating is necessary to dry the paste and evaporate the binding agent. Preheating duration: 45 minutes at 45 C. Wave soldering TEA0679T Wave soldering techniques can be used for all SO packages if the following conditions are observed: * A double-wave (a turbulent wave with high upward pressure followed by a smooth laminar wave) soldering technique should be used. * The longitudinal axis of the package footprint must be parallel to the solder flow. * The package footprint must incorporate solder thieves at the downstream end. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Maximum permissible solder temperature is 260 C, and maximum duration of package immersion in solder is 10 seconds, if cooled to less than 150 C within 6 seconds. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. Repairing soldered joints Fix the component by first soldering two diagonallyopposite end leads. Use only a low voltage soldering iron (less than 24 V) applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C. 1998 Nov 12 37 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values TEA0679T This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications. Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale PURCHASE OF PHILIPS I2C COMPONENTS Purchase of Philips I2C components conveys a license under the Philips' I2C patent to use the components in the I2C system provided the system conforms to the I2C specification defined by Philips. This specification can be ordered using the code 9398 393 40011. 1998 Nov 12 38 Philips Semiconductors Product specification I2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications NOTES TEA0679T 1998 Nov 12 39 Philips Semiconductors - a worldwide company Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777 Internet: http://www.semiconductors.philips.com For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1998 SCA60 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Printed in The Netherlands 545102/750/02/pp40 Date of release: 1998 Nov 12 Document order number: 9397 750 04298 |
Price & Availability of TEA0679 |